| Moteur de recherche de fiches techniques de composants électroniques |
|
PI74FCT2191T Fiches technique(PDF) 5 Page - Pericom Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PI74FCT2191T Fiches technique(HTML) 5 Page - Pericom Semiconductor Corporation |
|
5 / 6 page ![]() 5 PS2084B 01/13/97 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI74FCT191T (25 Ω Ω Ω Ω Ω SERIES) PI74FCT2191T 4-BIT BINARY COUNTERS Switching Characteristics (Over Operating Range) Notes: 1. See Test Circuit and Waveforms. 2. Minimum limits are guaranteed but not tested on Propgation Delays. 3. This parameter guaranteed but not production tested. l o b m y Sn o it p i r c s e D ) 1 ( s n o it i d n o C T 1 9 1 T 1 9 1 2 x . a M . n i M T A 1 9 1 T A 1 9 1 2 . x a M . n i M T C 1 9 1 . x a M . n i Mti n U Q P C ty al e D n o it a g a p o r P i Q O T P C CL F p 0 5 = RL 0 0 5 = Ω 5 . 22 15 . 28 . 70 . 29 . 6 s n C T P C ty al e D n o it a g a p o r P C T o t P C 0 . 34 10 . 38 . 1 15 . 22 . 0 1 C R P C ty al e D n o it a g a p o r P C R o t P C 5 . 25 . 85 . 25 . 80 . 20 . 8 C R E C ty al e D n o it a g a p o r P C R o t E C 0 . 20 . 80 . 22 . 75 . 18 . 6 C R D U t y al e D n o it a g a p o r P C R o t D / U 0 . 45 10 . 28 . 90 . 20 . 9 C T D U t y al e D n o it a g a p o r P C T o t D / U 0 . 31 10 . 32 . 70 . 28 . 6 Q D ty al e D n o it a g a p o r P i Q o t i D 0 . 24 10 . 21 . 90 . 25 . 8 Q L P ty al e D n o it a g a p o r P i Q o t L P 0 . 33 10 . 35 . 80 . 28 . 7 |