Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PVM58X Fiches technique(PDF) 4 Page - Pepperl+Fuchs Inc.

No de pièce PVM58X
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PF [Pepperl+Fuchs Inc.]
Site Internet  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM58X Fiches technique(HTML) 4 Page - Pepperl+Fuchs Inc.

  PVM58X Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Multiturn absolute encoder
PVM58X
4
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Principle of data transmission
Parameter table encoder classes P+F 2.1 and P+F 2.2
Octet number (Byte)
Parameter
Bit number
1...8
PROFIBUS standard parameters
9
Direction of rotation
0
Class 2 functionality
1
Commissioning Diagnostics
2
Scaling function
3
Reserved
4
Reserved
5
Activate manufacturer specific parameters (Octet 26)
6
Reserved
7
10 ... 13
Desired measuring steps (reference: Octet 26, Bit 0 and 1)
14 ... 17
Overall resolution
18 ... 25
Reserved
26
Reference for desired measuring steps
0
1
Activate commissioning mode
2
Reduced diagnosis
3
Reserved
4
Activate lower software limit switch
5
Activate upper software limit switch
6
Activation of the parameters from Octet 27
7
27 ... 30
Lower limit switch
31 ... 34
Upper limit switch
35 ... 38
Physical measuring steps
39
Reserved
0
Rotary encoder type (singleturn or multiturn)
1
Reserved
2
Reserved
3
Selection of the unit for speed transfer
4
5
Reserved
6
Reserved
7
Encoder
GSD file
Data base
Control
Definition of device class
enter parameter
Parameter ("DDLM_Set_Prm")
onetime at start up
Software
cyclical data interchange
(e. g. position value)



Html Pages

1 2 3 4 5