Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN6535 Fiches technique(PDF) 2 Page - Panasonic Semiconductor

No de pièce AN6535
Description  4-pin Negative Adjustable Voltage Regulator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6535 Fiches technique(HTML) 2 Page - Panasonic Semiconductor

  AN6535 Datasheet HTML 1Page - Panasonic Semiconductor AN6535 Datasheet HTML 2Page - Panasonic Semiconductor AN6535 Datasheet HTML 3Page - Panasonic Semiconductor AN6535 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VCC
ICC *1
PD
Topr
Tstg
Supply voltage
Supply current
Power dissipation
Operating ambient temperature
Storage
V
A
W
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
–40
1
7.5
–20 to +80
–55 to +150
*1 The internal circuit is provided with a current limiting circuit.
*2 Maximum power dissipation value when there is no heat sink (The value varies depending on the external heat dissipation state)
Parameter
Symbol
Condition
min
typ
max
s Electrical Characteristics (Ta=25˚C)
VO
4%
%
VO=–5V, IO=200mA,
VI=–7.5 to –25V, Tj=25˚C
Line regulation
REGIN
0.75
%
VO=–18V, IO=5mA,
VI=–21 to –33V, Tj=25˚C
%
VO=–18V, IO=200mA,
VI=–21 to –25V, Tj=25˚C
mA
Tj=25˚C
Bias current
IBias
µA
Tj=25˚C
Note 1) The specified condition Tj=25˚C means that the test should be conducted with each test time reduced (within 10 ms) so that
the drift in the characteristic value due to a temperature rise at chip junction can be ignored.
Note 2) Unless otherwise specified, VI=–10V, VO=–5V, IO=350mA, CI=2
µF, and C
O=1
µF
Control pin current
Icont
dB
VI=–8 to –18V, VO=–5V,
f=120Hz
Ripple rejection ratio
RR
µV
Output noise voltage
Vno
V
1.1
VO=–5V, f=10Hz to 100kHz
Minimum input/output voltage difference
VDIF (min.)
mA
100
IO=500mA, Tj=25˚C
600
1.4
0.67
1
3
3
60
Short-circuit current
IOS
VI=–35V, VO=–5V, Tj=25˚C
A
0.8
VO=–5V, Tj=25˚C
Peak output current
IOP
mV/˚C
0.2
Output voltage temperatrue coefficient
∆V
O/Ta
V
–3
VO=–5V
Control pin voltage
Vcont
Tj=25˚C
–2.88
1.5
Load regulation
REGL
%
1
40
–3.12
0.4
Tj=–20 to +25˚C
– 0.3
IO=5mA
Tj=25 to 150˚C
IO=5 to 500mA
VO=–5V, VI=–12V
Tj=25˚C
VO=–18V, VI=–25V
Unit
Output voltage tolerance
VI=VO–3V to VO–15V,
IO=5 to 350mA, Tj=25˚C



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com