Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCIMX6QP4EYM2AB Fiches technique(PDF) 59 Page - NXP Semiconductors

No de pièce SCIMX6QP4EYM2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP4EYM2AB Fiches technique(HTML) 59 Page - NXP Semiconductors

Back Button SCIMX6QP4EYM2AB Datasheet HTML 55Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 56Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 57Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 58Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 59Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 60Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 61Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 62Page - NXP Semiconductors SCIMX6QP4EYM2AB Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
59
4.9.3.4
General EIM Timing-Asynchronous Mode
Figure 18 through Figure 22 and Table 42 provide timing parameters relative to the chip select (CS) state
for asynchronous and DTACK EIM accesses with corresponding EIM bit fields and the timing
parameters mentioned above.
Asynchronous read and write access length in cycles may vary from what is shown in Figure 18 through
Figure 21 as RWSC, OEN & CSN is configured differently. See the i.MX 6DualPlus/6QuadPlus reference
manual (IMX6DQPRM) for the EIM programming model.
Figure 18. Asynchronous Memory Read Access (RWSC = 5)
Last Valid Address
Address V1
D(V1)
EIM_ADDRxx/
EIM_DATA[07:00]
EIM_WE_B
EIM_LBA_B
EIM_OE_B
EIM_EBx_B
EIM_CSx_B
Next Address
WE39
WE35
WE37
WE32
WE36
WE38
WE43
WE40
WE31
WE44
INT_CLK
start of
access
end of
access
MAXDI
MAXCSO
MAXCO
EIM_ADxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More