Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCIMX6QP6EYM2AB Fiches technique(PDF) 71 Page - NXP Semiconductors

No de pièce SCIMX6QP6EYM2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP6EYM2AB Fiches technique(HTML) 71 Page - NXP Semiconductors

Back Button SCIMX6QP6EYM2AB Datasheet HTML 67Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 68Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 69Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 70Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 71Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 72Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 73Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 74Page - NXP Semiconductors SCIMX6QP6EYM2AB Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 166 page
background image
Electrical Characteristics
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
NXP Semiconductors
71
4.11.3
Samsung Toggle Mode AC Timing
4.11.3.1
Command and Address Timing
Samsung Toggle mode command and address timing is the same as ONFI 1.0 compatible Async mode AC
timing. See Section 4.11.1, “Asynchronous Mode AC Timing (ONFI 1.0 Compatible)” for details.
4.11.3.2
Read and Write Timing
Figure 33. Samsung Toggle Mode Data Write Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More