| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS810-06 Fiches technique(PDF) 13 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS810-06 Fiches technique(HTML) 13 Page - Integrated Circuit Systems |
|
13 / 14 page ![]() 81006AK www.icst.com/products/hiperclocks.html REV. A JANUARY 4, 2006 13 Integrated Circuit Systems, Inc. ICS81006 VCXO-TO-6 LVCMOS OUTPUTS PACKAGE OUTLINE - K SUFFIX FOR 20 LEAD VFQFN TABLE 8. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MO-220 N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y SM U M I N I MM U M I X A M N 0 2 A 0 8 . 00 . 1 1 A 05 0 . 0 3 A e c n e r e f e R 5 2 . 0 b 8 1 . 00 3 . 0 e C I S A B 0 5 . 0 N D 5 N E 5 D 0 . 4 2 D 5 7 . 00 8 . 2 E 0 . 4 2 E 5 7 . 00 8 . 2 L 5 3 . 05 7 . 0 |