| Moteur de recherche de fiches techniques de composants électroniques |
|
PCIMX6QP5EYM2AB Fiches technique(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCIMX6QP5EYM2AB Fiches technique(HTML) 8 Page - NXP Semiconductors |
|
8 / 166 page ![]() i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018 8 NXP Semiconductors Introduction name changes is in the document, IMX 6 Series Standardized Signal Name Map (EB792). This list can be used to map the signal names used in older documentation to the new standardized naming conventions. The signal names of the i.MX6 series of products are standardized to align the signal names within the family and across the documentation. Benefits of this standardization are as follows: • Signal names are unique within the scope of an SoC and within the series of products • Searches will return all occurrences of the named signal • Signal names are consistent between i.MX 6 series products implementing the same modules • The module instance is incorporated into the signal name This standardization applies only to signal names. The ball names are preserved to prevent the need to change schematics, BSDL models, IBIS models, and so on. |