| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F684-E/ST Fiches technique(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F684-E/ST Fiches technique(HTML) 82 Page - Microchip Technology |
|
82 / 164 page ![]() PIC16F684 DS41202C-page 80 Preliminary 2004 Microchip Technology Inc. FIGURE 11-4: PWM OUTPUT RELATIONSHIPS (ACTIVE-HIGH STATE) FIGURE 11-5: PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE) 0 Period 00 10 01 11 SIGNAL PR2+1 CCP1CON <7:6> P1A MODULATED P1A MODULATED P1B MODULATED P1A ACTIVE P1B INACTIVE P1C INACTIVE P1D MODULATED P1A INACTIVE P1B MODULATED P1C ACTIVE P1D INACTIVE Duty Cycle (SINGLE OUTPUT) (Half-bridge) (Full-bridge, Forward) (Full-bridge, Reverse) Delay(1) Delay(1) Relationships: • Period = 4 * TOSC * (PR2 + 1) * (TMR2 prescale value) • Duty Cycle = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 prescale value) • Delay = 4 * TOSC * (PWM1CON<6:0>) Note 1: Dead band delay is programmed using the PWM1CON register (Section 11.3.6 “Programmable Dead Band Delay”). 0 Period 00 10 01 11 SIGNAL PR2+1 CCP1CON <7:6> P1A MODULATED P1A MODULATED P1B MODULATED P1A ACTIVE P1B INACTIVE P1C INACTIVE P1D MODULATED P1A INACTIVE P1B MODULATED P1C ACTIVE P1D INACTIVE Duty Cycle (SINGLE OUTPUT) (Half-bridge) (Full-bridge, Forward) (Full-bridge, Reverse) Delay(1) Delay(1) Relationships: • Period = 4 * TOSC * (PR2 + 1) * (TMR2 prescale value) • Duty Cycle = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 prescale value) • Delay = 4 * TOSC * (PWM1CON<6:0>) Note 1: Dead band delay is programmed using the PWM1CON register (Section 11.3.6 “Programmable Dead Band Delay”). |