Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC16F684-E/SL Fiches technique(PDF) 82 Page - Microchip Technology

No de pièce PIC16F684-E/SL
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-E/SL Fiches technique(HTML) 82 Page - Microchip Technology

Back Button PIC16F684-E/SL Datasheet HTML 78Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 79Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 80Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 81Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 82Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 83Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 84Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 85Page - Microchip Technology PIC16F684-E/SL Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 164 page
background image
PIC16F684
DS41202C-page 80
Preliminary
 2004 Microchip Technology Inc.
FIGURE 11-4:
PWM OUTPUT RELATIONSHIPS (ACTIVE-HIGH STATE)
FIGURE 11-5:
PWM OUTPUT RELATIONSHIPS (ACTIVE-LOW STATE)
0
Period
00
10
01
11
SIGNAL
PR2+1
CCP1CON
<7:6>
P1A MODULATED
P1A MODULATED
P1B MODULATED
P1A ACTIVE
P1B INACTIVE
P1C INACTIVE
P1D MODULATED
P1A INACTIVE
P1B MODULATED
P1C ACTIVE
P1D INACTIVE
Duty
Cycle
(SINGLE OUTPUT)
(Half-bridge)
(Full-bridge,
Forward)
(Full-bridge,
Reverse)
Delay(1)
Delay(1)
Relationships:
•
Period = 4 * TOSC * (PR2 + 1) * (TMR2 prescale value)
•
Duty Cycle = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 prescale value)
•
Delay = 4 * TOSC * (PWM1CON<6:0>)
Note
1:
Dead band delay is programmed using the PWM1CON register (Section 11.3.6 “Programmable Dead Band Delay”).
0
Period
00
10
01
11
SIGNAL
PR2+1
CCP1CON
<7:6>
P1A MODULATED
P1A MODULATED
P1B MODULATED
P1A ACTIVE
P1B INACTIVE
P1C INACTIVE
P1D MODULATED
P1A INACTIVE
P1B MODULATED
P1C ACTIVE
P1D INACTIVE
Duty
Cycle
(SINGLE OUTPUT)
(Half-bridge)
(Full-bridge,
Forward)
(Full-bridge,
Reverse)
Delay(1)
Delay(1)
Relationships:
•
Period = 4 * TOSC * (PR2 + 1) * (TMR2 prescale value)
•
Duty Cycle = TOSC * (CCPR1L<7:0>:CCP1CON<5:4>) * (TMR2 prescale value)
•
Delay = 4 * TOSC * (PWM1CON<6:0>)
Note
1:
Dead band delay is programmed using the PWM1CON register (Section 11.3.6 “Programmable Dead Band Delay”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More