| Moteur de recherche de fiches techniques de composants électroniques |
|
CEC1712 Fiches technique(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1712 Fiches technique(HTML) 36 Page - Microchip Technology |
|
36 / 338 page ![]() CEC1712 DS00003416C-page 36 2020-2021 Microchip Technology Inc. 20 GPIO124 GPIO Event Yes GPIO Interrupt Event 20 Reserved 21 GPIO125 GPIO Event Yes GPIO Interrupt Event 22 GPIO126 GPIO Event Yes GPIO Interrupt Event 23 GPIO127 GPIO Event Yes GPIO Interrupt Event 24 GPIO130 GPIO Event Yes GPIO Interrupt Event 25 GPIO131 GPIO Event Yes GPIO Interrupt Event 26 GPIO132 GPIO Event Yes GPIO Interrupt Event 27- 31 Reserved GIRQ10 0-4 Reserved 2N/A 5 GPIO045 GPIO Event Yes GPIO Interrupt Event 6 GPIO046 GPIO Event Yes GPIO Interrupt Event 7 GPIO047 GPIO Event Yes GPIO Interrupt Event 8 GPIO050 GPIO Event Yes GPIO Interrupt Event 9 GPIO051 GPIO Event Yes GPIO Interrupt Event 10 Reserved 11 GPIO053 GPIO Event Yes GPIO Interrupt Event 12 Reserved 13 GPIO055 GPIO Event Yes GPIO Interrupt Event 14 GPIO056 GPIO Event Yes GPIO Interrupt Event 15 GPIO057 GPIO Event Yes GPIO Interrupt Event 16- 18 Reserved 19 GPIO063 GPIO Event Yes GPIO Interrupt Event 20- 23 Reserved 24 GPIO070 GPIO Event Yes GPIO Interrupt Event 25 GPIO071 GPIO Event Yes GPIO Interrupt Event 26- 31 Reserved GIRQ11 0 GPIO000 GPIO Event Yes GPIO Interrupt Event 3 N/A 1 Reserved 2 GPIO002 GPIO Event Yes GPIO Interrupt Event 3 GPIO003 GPIO Event Yes GPIO Interrupt Event 4 GPIO004 GPIO Event Yes GPIO Interrupt Event 5-9 Reserved 10 GPIO012 GPIO Event Yes GPIO Interrupt Event 11 GPIO013 GPIO Event Yes GPIO Interrupt Event 12 Reserved 13 GPIO015 GPIO Event Yes GPIO Interrupt Event 14 GPIO016 GPIO Event Yes GPIO Interrupt Event 15- 17 Reserved TABLE 3-3: GIRQ_MAPPING Agg IRQ Agg Bits HWB Instance Name Interrupt Event Wake event Source description Agg NVIC Direct NVIC |