Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6548BACDXEAF Fiches technique(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6548BACDXEAF
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM6548BACDXEAF Fiches technique(HTML) 76 Page - Texas Instruments

Back Button AM6548BACDXEAF Datasheet HTML 72Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 73Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 74Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 75Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 76Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 77Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 78Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 79Page - Texas Instruments AM6548BACDXEAF Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 282 page
background image
6.3.10.2 WKUP Domain
Table 6-26. GPIO0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
WKUP_GPIO0_0
General Purpose Input/Output
IO
AF4
WKUP_GPIO0_1
General Purpose Input/Output
IO
AF3
WKUP_GPIO0_2
General Purpose Input/Output
IO
AE3
WKUP_GPIO0_3
General Purpose Input/Output
IO
AD1
WKUP_GPIO0_4
General Purpose Input/Output
IO
AC3
WKUP_GPIO0_5
General Purpose Input/Output
IO
AD3
WKUP_GPIO0_6
General Purpose Input/Output
IO
AC2
WKUP_GPIO0_7
General Purpose Input/Output
IO
AC1
WKUP_GPIO0_8
General Purpose Input/Output
IO
AC5
WKUP_GPIO0_9
General Purpose Input/Output
IO
AB4
WKUP_GPIO0_10
General Purpose Input/Output
IO
AB3
WKUP_GPIO0_11
General Purpose Input/Output
IO
AB2
WKUP_GPIO0_12
General Purpose Input/Output
IO
V1
WKUP_GPIO0_13
General Purpose Input/Output
IO
U1
WKUP_GPIO0_14
General Purpose Input/Output
IO
U2
WKUP_GPIO0_15
General Purpose Input/Output
IO
U4
WKUP_GPIO0_16
General Purpose Input/Output
IO
U5
WKUP_GPIO0_17
General Purpose Input/Output
IO
T2
WKUP_GPIO0_18
General Purpose Input/Output
IO
T3
WKUP_GPIO0_19
General Purpose Input/Output
IO
T4
WKUP_GPIO0_20
General Purpose Input/Output
IO
T5
WKUP_GPIO0_21
General Purpose Input/Output
IO
R2
WKUP_GPIO0_22
General Purpose Input/Output
IO
R3
WKUP_GPIO0_23
General Purpose Input/Output
IO
R4
WKUP_GPIO0_24
General Purpose Input/Output
IO
R5
WKUP_GPIO0_25
General Purpose Input/Output
IO
T1
WKUP_GPIO0_26
General Purpose Input/Output
IO
R1
WKUP_GPIO0_27
General Purpose Input/Output
IO
P2
WKUP_GPIO0_28
General Purpose Input/Output
IO
P3
WKUP_GPIO0_29
General Purpose Input/Output
IO
P4
WKUP_GPIO0_30
General Purpose Input/Output
IO
P5
WKUP_GPIO0_31
General Purpose Input/Output
IO
P1
WKUP_GPIO0_32
General Purpose Input/Output
IO
N2
WKUP_GPIO0_33
General Purpose Input/Output
IO
N3
WKUP_GPIO0_34
General Purpose Input/Output
IO
N4
WKUP_GPIO0_35
General Purpose Input/Output
IO
N5
WKUP_GPIO0_36
General Purpose Input/Output
IO
M2
WKUP_GPIO0_37
General Purpose Input/Output
IO
M3
WKUP_GPIO0_38
General Purpose Input/Output
IO
M4
WKUP_GPIO0_39
General Purpose Input/Output
IO
M5
WKUP_GPIO0_40
General Purpose Input/Output
IO
N1
WKUP_GPIO0_41
General Purpose Input/Output
IO
M1
WKUP_GPIO0_42
General Purpose Input/Output
IO
L2
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
www.ti.com
76
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More