Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM6526BACDXEAF Fiches technique(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM6526BACDXEAF
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526BACDXEAF Fiches technique(HTML) 73 Page - Texas Instruments

Back Button AM6526BACDXEAF Datasheet HTML 69Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 70Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 71Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 72Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 73Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 74Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 75Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 76Page - Texas Instruments AM6526BACDXEAF Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 282 page
background image
Table 6-24. GPIO0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
GPIO0_59
General Purpose Input/Output
IO
AD21
GPIO0_60
General Purpose Input/Output
IO
AG23
GPIO0_61
General Purpose Input/Output
IO
AF27
GPIO0_62
General Purpose Input/Output
IO
AF22
GPIO0_63
General Purpose Input/Output
IO
AG27
GPIO0_64
General Purpose Input/Output
IO
AF28
GPIO0_65
General Purpose Input/Output
IO
AF26
GPIO0_66
General Purpose Input/Output
IO
AH25
GPIO0_67
General Purpose Input/Output
IO
AF21
GPIO0_68
General Purpose Input/Output
IO
AH20
GPIO0_69
General Purpose Input/Output
IO
AH21
GPIO0_70
General Purpose Input/Output
IO
AG20
GPIO0_71
General Purpose Input/Output
IO
AD19
GPIO0_72
General Purpose Input/Output
IO
AD20
GPIO0_73
General Purpose Input/Output
IO
AH26
GPIO0_74
General Purpose Input/Output
IO
AG25
GPIO0_75
General Purpose Input/Output
IO
AG26
GPIO0_76
General Purpose Input/Output
IO
AH24
GPIO0_77
General Purpose Input/Output
IO
AH23
GPIO0_78
General Purpose Input/Output
IO
AG21
GPIO0_79
General Purpose Input/Output
IO
AH22
GPIO0_80
General Purpose Input/Output
IO
AE21
GPIO0_81
General Purpose Input/Output
IO
AC22
GPIO0_82
General Purpose Input/Output
IO
AG22
GPIO0_83
General Purpose Input/Output
IO
AD23
GPIO0_84
General Purpose Input/Output
IO
AE24
GPIO0_85
General Purpose Input/Output
IO
AF25
GPIO0_86
General Purpose Input/Output
IO
AF24
GPIO0_87
General Purpose Input/Output
IO
AC20
GPIO0_88
General Purpose Input/Output
IO
AE20
GPIO0_89
General Purpose Input/Output
IO
AF19
GPIO0_90
General Purpose Input/Output
IO
AH19
GPIO0_91
General Purpose Input/Output
IO
AG19
GPIO0_92
General Purpose Input/Output
IO
AE19
GPIO0_93
General Purpose Input/Output
IO
AE23
GPIO0_94
General Purpose Input/Output
IO
AD22
GPIO0_95
General Purpose Input/Output
IO
AC21
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM6548 AM6528 AM6526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More