Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM652X Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce AM652X
Description  AM654x, AM652x Sitara??Processors Silicon Revision 2.1
PDF  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Fiches technique(HTML) 3 Page - Texas Instruments

  AM652X Datasheet HTML 1Page - Texas Instruments AM652X Datasheet HTML 2Page - Texas Instruments AM652X Datasheet HTML 3Page - Texas Instruments AM652X Datasheet HTML 4Page - Texas Instruments AM652X Datasheet HTML 5Page - Texas Instruments AM652X Datasheet HTML 6Page - Texas Instruments AM652X Datasheet HTML 7Page - Texas Instruments AM652X Datasheet HTML 8Page - Texas Instruments AM652X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 282 page
background image
Automotive interfaces:
• 2× Modular Controller Area Network (MCAN)
modules with full CAN-FD support
Audio interfaces:
• 3× Multichannel Audio Serial Port (MCASP)
modules
Media and data storage:
• 2× Multimedia Card™/ Secure Digital® ( MMC™/
SD®) interfaces
Simplified power management:
• Simplified power sequence with full support for
dual voltage I/O
• Integrated LDOs reduces power solution
complexity
• Integrated SDIO LDO for handling automatic
voltage transition for SD interface
• Integrated Power On Reset (POR) generation
reducing power solution complexity
• Integrated voltage supervisor for functional safety
monitoring
• Integrated power supply glitch detector for
detecting fast power supply transients
Analog/system integration:
• Integrated USB VBUS detection
• Fail safe I/O for DDR RESET
• All I/O pins drivers disabled during reset to avoid
bus conflicts
• Default I/O pulls disabled during reset to avoid
system conflicts
• Support dynamic I/O pinmux configuration change
System-on-Chip (SoC) architecture:
• Supports primary boot from UART, I2C, OSPI,
HyperBus, parallel NOR Flash, SD or eMMC™,
USB, PCIe, and Ethernet interfaces
• 28-nm CMOS technology
• 23 mm × 23 mm, 0.8-mm pitch, 784-pin FCBGA
(ACD)
2 Applications
• Industrial Programmable Logic Controllers (PLC)
• Factory automation with safety functions
• Multi-protocol fieldbus communications
• Industrial PC
• Industrial robots
• Human Machine Interface (HMI)
• Grid infrastructure protection relays
• Robotic motor drives
www.ti.com
AM6548, AM6528, AM6526
SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AM6548 AM6528 AM6526