| Moteur de recherche de fiches techniques de composants électroniques |
|
USB5926CT/KD Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5926CT/KD Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 65 page ![]() USB5926C DS00003190B-page 21 2019 - 2021 Microchip Technology Inc. 3.4 Buffer Type Descriptions TABLE 3-9: POWER AND GROUND PIN DESCRIPTIONS Name Symbol Buffer Type Description +3.3V Power Supply Input VDD33 P +3.3 V power and internal regulator input Refer to Section 4.1, Power Connections for power con- nection information +1.2V Core Power Supply Input VDD12 P +1.2 V core power Refer to Section 4.1, Power Connections for power con- nection information. Ground GND P Common ground. This exposed pad must be connected to the ground plane with a via array. TABLE 3-10: USB5926 BUFFER TYPE DESCRIPTIONS BUFFER DESCRIPTION I Input. IS Input with Schmitt trigger. O12 Output buffer with 12 mA sink and 12 mA source. OD12 Open-drain output with 12 mA sink PU 50 μA (typical) internal pull-up. Unless otherwise noted in the pin description, internal pull-ups are always enabled. Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on internal resistors to drive signals external to the device. When connected to a load that must be pulled high, an external resistor must be added. PD 50 μA (typical) internal pull-down. Unless otherwise noted in the pin description, internal pull-downs are always enabled. Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on internal resistors to drive signals external to the device. When connected to a load that must be pulled low, an external resistor must be added. ICLK Crystal oscillator input pin OCLK Crystal oscillator output pin I/O-U Analog input/output defined in USB specification. I-R RBIAS. Note: Refer to Section 10.5, DC Specifications for individual buffer DC electrical characteristics. |