| Moteur de recherche de fiches techniques de composants électroniques |
|
USB5926CT/KD Fiches technique(PDF) 52 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB5926CT/KD Fiches technique(HTML) 52 Page - Microchip Technology |
|
52 / 66 page ![]() USB5926 DS00002234E-page 52 2016-2021 Microchip Technology Inc. Note 4: XTALI can optionally be driven from a 25 MHz singled-ended clock oscillator. Note 5: Refer to the USB 3.2 Gen 1 Specification for USB DC electrical characteristics. 10.6 AC Specifications This section details the various AC timing specifications of the device. 10.6.1 POWER SUPPLY AND RESET_N SEQUENCE TIMING Figure 10-2 illustrates the recommended power supply sequencing and timing for the device. VDD33 should rise after or at the same rate as VDD12. Similarly, RESET_N and/or VBUS_DET should rise after or at the same rate as VDD33. VBUS_DET and RESET_N do not have any other timing dependencies. O12 Type Output Buffer Low Output Level High Output Level VOL VOH VDD33-0.4 0.4 V V IOL = 12 mA IOH = -12 mA OD12 Type Output Buffer Low Output Level VOL 0.4 V IOL = 12 mA ICLK Type Input Buffer (XTALI Input) Low Input Level High Input Level VIL VIH 0.85 0.50 VDD33 V V Note 4 IO-U Type Buffer (See Note 5) Note 5 FIGURE 10-2: POWER SUPPLY AND RESET_N SEQUENCE TIMING TABLE 10-5: POWER SUPPLY AND RESET_N SEQUENCE TIMING Symbol Description Min Typ Max Units tVDD33 VDD12 to VDD33 rise time 0 ms treset VDD33 to RESET_N/VBUS_DET rise time 0 ms TABLE 10-4: I/O DC ELECTRICAL CHARACTERISTICS (CONTINUED) Parameter Symbol Min Typical Max Units Notes VDD12 tVDD33 VDD33 RESET_N/ VBUS_DET treset |