| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS84329BVLF Fiches technique(PDF) 17 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS84329BVLF Fiches technique(HTML) 17 Page - Integrated Circuit Systems |
|
17 / 19 page ![]() 84329BV www.icst.com/products/hiperclocks.html REV. B JANUARY 18, 2006 17 Integrated Circuit Systems, Inc. ICS84329B 700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER PACKAGE OUTLINE - Y SUFFIX 32 LEAD LQFP TABLE 10B. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MS-026 N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S A B B M U M I N I ML A N I M O NM U M I X A M N 2 3 A - -- -0 6 . 1 1 A 5 0 . 0- -5 1 . 0 2 A 5 3 . 10 4 . 15 4 . 1 b 0 3 . 07 3 . 05 4 . 0 c 9 0 . 0- -0 2 . 0 D C I S A B 0 0 . 9 1 D C I S A B 0 0 . 7 2 D . f e R 0 6 . 5 E C I S A B 0 0 . 9 1 E C I S A B 0 0 . 7 2 E . f e R 0 6 . 5 e C I S A B 0 8 . 0 L 5 4 . 00 6 . 05 7 . 0 θθθθθ 0 ° - - 7 ° c c c - -- -0 1 . 0 |