| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS84025 Fiches technique(PDF) 11 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS84025 Fiches technique(HTML) 11 Page - Integrated Circuit Systems |
|
11 / 12 page ![]() 84025EM www.icst.com/products/hiperclocks.html REV. A APRIL 16, 2003 11 Integrated Circuit Systems, Inc. ICS84025 CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER PRELIMINARY PACKAGE OUTLINE - M SUFFIX TABLE 7. PACKAGE DIMENSIONS Reference Document: JEDEC Publication 95, MS-013, MO-119 L O B M Y S s r e t e m i l l i M m u m i n i Mm u m i x a M N4 2 A- -5 6 . 2 1 A0 1 . 0- - 2 A5 0 . 25 5 . 2 B3 3 . 01 5 . 0 C8 1 . 02 3 . 0 D0 2 . 5 15 8 . 5 1 E0 4 . 70 6 . 7 eC I S A B 7 2 . 1 H0 0 . 0 15 6 . 0 1 h5 2 . 05 7 . 0 L0 4 . 07 2 . 1 α ° 0 ° 8 |