| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS83940DI01 Fiches technique(PDF) 11 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS83940DI01 Fiches technique(HTML) 11 Page - Integrated Circuit Systems |
|
11 / 13 page ![]() 83940DYI-01 www.icst.com/products/hiperclocks.html REV. A MARCH 1, 2004 11 Integrated Circuit Systems, Inc. ICS83940I-01 LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER PRELIMINARY RELIABILITY INFORMATION TRANSISTOR COUNT The transistor count for ICS83940I-01 is: 819 TABLE 6. θ JA VS . AIR FLOW TABLE θθθθθ JA by Velocity (Linear Feet per Minute) 0 200 500 Single-Layer PCB, JEDEC Standard Test Boards 67.8°C/W 55.9°C/W 50.1°C/W Multi-Layer PCB, JEDEC Standard Test Boards 47.9°C/W 42.1°C/W 39.4°C/W NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs. |