Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPLTL90AT08 Fiches technique(PDF) 10 Page - OSRAM GmbH

No de pièce SPLTL90AT08
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLTL90AT08 Fiches technique(HTML) 10 Page - OSRAM GmbH

Back Button SPLTL90AT08 Datasheet HTML 5Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 6Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 7Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 8Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 9Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 10Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 11Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 12Page - OSRAM GmbH SPLTL90AT08 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SPL TL90AT08
10 Version 1.3 | 2019-07-03
Disclaimer
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on the OSRAM OS webside.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For
packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to
invoice you for any costs incurred.
Product safety and functional safety devices/applications or medical devices/applications
OSRAM OS components are not developed, constructed or tested for the application as safety relevant
component or for the application in medical devices.
OSRAM OS products are not qualified at module and system level for such application.
An entire (100%) testing shall be performed after assembly of the OSRAM OS product to the final product. 
OSRAM OS product are not qualified at module and system level for such application. Customer is fully 
responsible and accountable for detection capability in case of sudden changes in electro-optical character-
istics at component level.
In case Buyer – or Customer supplied by Buyer– considers using OSRAM OS components in product safety
and functional safety devices/applications or medical devices/applications, Buyer and/or Customer has to
inform the local sales partner of OSRAM OS immediately and OSRAM OS and Buyer and /or Customer will
analyze and coordinate the customer-specific request between OSRAM OS and Buyer and/or Customer. 
The user of the application needs to be aware that the skin must not be exposed to the laser radiation and
it can be hazardous to the human eye, depending on the mode of operation. The application shall only be
operated within the range approved in the specifications released by OSRAM OS. 
OSRAM OS refuses any and all kind of liability in case these instructions are not followed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13