| Moteur de recherche de fiches techniques de composants électroniques |
|
IMX6SDLIEC Fiches technique(PDF) 85 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX6SDLIEC Fiches technique(HTML) 85 Page - NXP Semiconductors |
|
85 / 161 page ![]() Electrical Characteristics i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018 NXP Semiconductors 85 Figure 49. Driver Measuring Conditions Figure 50. Driver Definitions Figure 51. Source Termination Table 57. Electrical Characteristics Symbol Parameter Condition Min Typ Max Unit Operating conditions for HDMI avddtmds Termination supply voltage — 3.15 3.3 3.45 V RT Termination resistance — 45 50 55 Ω |