Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLPT5447KA Fiches technique(PDF) 10 Page - OSRAM GmbH

No de pièce PLPT5447KA
Description  Projection Professional LED & Laser
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLPT5447KA Fiches technique(HTML) 10 Page - OSRAM GmbH

Back Button PLPT5447KA Datasheet HTML 5Page - OSRAM GmbH PLPT5447KA Datasheet HTML 6Page - OSRAM GmbH PLPT5447KA Datasheet HTML 7Page - OSRAM GmbH PLPT5447KA Datasheet HTML 8Page - OSRAM GmbH PLPT5447KA Datasheet HTML 9Page - OSRAM GmbH PLPT5447KA Datasheet HTML 10Page - OSRAM GmbH PLPT5447KA Datasheet HTML 11Page - OSRAM GmbH PLPT5447KA Datasheet HTML 12Page - OSRAM GmbH PLPT5447KA Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PLPT5 447KA
10 Version 0.0 | 2020-07-27
Disclaimer
OSRAM OS assumes no liability whatsoever for any use of this document or its content by recipient includ-
ing, but not limited to, for any design in activities based on this preliminary draft version. OSRAM OS may
e.g. decide at its sole discretion to stop developing and/or finalising the underlying design at any time.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on the OSRAM OS website.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of
transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we
shall have to invoice you for any costs incurred.
Product and functional safety devices/applications or medical devices/applications
OSRAM OS components are not developed, constructed or tested for the application as safety relevant
component or for the application in medical devices.
OSRAM OS products are not qualified at module and system level for such application.
In case buyer – or customer supplied by buyer – considers using OSRAM OS components in product safety
devices/applications or medical devices/applications, buyer and/or customer has to inform the local sales
partner of OSRAM OS immediately and OSRAM OS and buyer and /or customer will analyze and coordi-
nate the customer-specific request between OSRAM OS and buyer and/or customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13