Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADUCM3029-2BCPZ-R7 Fiches technique(PDF) 16 Page - Analog Devices

No de pièce ADUCM3029-2BCPZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029-2BCPZ-R7 Fiches technique(HTML) 16 Page - Analog Devices

Back Button ADUCM3029-2BCPZ-R7 Datasheet HTML 12Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 13Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 14Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 15Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 16Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 17Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 18Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM3029-2BCPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADuCM3027/ADuCM3029
Data Sheet
Rev. B | Page 16 of 39
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BOTTOM VIEW
(BALL SIDE UP)
Not to Scale
13
A
B
C
D
E
F
G
11
9
7
5
3
1
12
10
8
6
4
2
VBAT_ADC
VLDO_OUT
VDCDC_
CAP2N
VDCDC_
CAP1P
SYS_
LFXTAL_IN
SYS_
HFXTAL_OUT
VBAT_ANA1
P2_03
VREF_ADC
VDCDC_
CAP2P
VDCDC_
CAP1N
SYS_
LFXTAL_OUT
SYS_
HFXTAL_IN
P0_00
P2_05
GND_ VREFADC VDCDC_OUT
VBAT_ANA2
P0_02
P0_01
P0_03
P0_05
P2_06
P2_04
GND_ANA
P0_11
P1_10
P0_10
P0_06
P0_07
P0_04
SYS_HWRST
GND_DIG
P1_02
P1_03
H
P1_07
P1_08
P1_09
P1_04
P1_05
P2_01
VBAT_DIG1
P2_11
P1_06
P1_01
P0_13
P0_15
VBAT_DIG2
P0_12
P0_09
P0_08
P1_14
P1_14
P1_00
Figure 14. ADuCM3027/ADuCM3029 54-Ball WLCSP Configuration
Table 20. ADuCM3027/ADuCM3029 54-Ball WLCSP Pin Function Descriptions
Pin No.
Mnemonic
Signal Name
Description
A1
VBAT_ANA1
Not Applicable
External Supply for Analog Circuits in the MCU.
A3
SYS_HFXTAL_OUT
Not Applicable
High Frequency Crystal Output.
A5
SYS_LFXTAL_IN
Not Applicable
High Frequency Crystal Input.
A7
VDCDC_CAP1P
Not Applicable
Buck Converter Capacitor 1 Positive Terminal.
A9
VDCDC_CAP2N
Not Applicable
Buck Converter Capacitor 2 Negative Terminal.
A11
VLDO_OUT
Not Applicable
Low Drop Out Regulator Output. This pin is only for connecting the
decoupling capacitor. Do not connect this pin to the external load.
A13
VBAT_ADC
Not Applicable
External Supply for Internal ADC.
B1
P0_00
SPI0_CLK/SPT0_BCLK/GPIO00
GPIO. See the GPIO Multiplexing section for more information.
B3
SYS_HFXTAL_IN
Not Applicable
High Frequency Crystal Input.
B5
SYS_LFXTAL_OUT
Not Applicable
Low Frequency Crystal Output.
B7
VDCDC_CAP1N
Not Applicable
Buck Converter Capacitor 1 Negative Terminal.
B9
VDCDC_CAP2P
Not Applicable
Buck Converter Capacitor 2 Positive Terminal.
B11
VREF_ADC
Not Applicable
External Reference Voltage for Internal ADC.
B13
P2_03
ADC0_VIN0/GPIO35
GPIO. See the GPIO Multiplexing section for more information.
C1
P0_03
SPI0_CS0/SPT0_BCNV/
SPI2_RDY/GPIO03
GPIO. See the GPIO Multiplexing section for more information.
C3
P0_01
SPI0_MOSI/SPT0_BFS/GPIO01
GPIO. See the GPIO Multiplexing section for more information.
C5
P0_02
SPI0_MISO/SPT0_BD0/GPIO02
GPIO. See the GPIO Multiplexing section for more information.
C7
VBAT_ANA2
Not Applicable
External Supply for Analog Circuits in the MCU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39