| Moteur de recherche de fiches techniques de composants électroniques |
|
ADN2855ACPZ-R7 Fiches technique(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADN2855ACPZ-R7 Fiches technique(HTML) 6 Page - Analog Devices |
|
6 / 20 page ![]() ADN2855 Data Sheet Rev. B | Page 6 of 20 RESET TIMING OPTIONS OPTION 1 END OF PACKET OPTION 2 END OF PACKET OPTION 3 END OF PACKET RESET PULSE 0 BYTES TO 8 BYTES 0 BYTES TO 8 BYTES RESET PULSE (2 BYTES) 200µs BETWEEN BURSTS 200µs BETWEEN BURSTS RESET PULSE (2 BYTES) GUARD TIME (4 BYTES) THIS ASSUMES NO NOISE IS PRESENT ON THE INPUTS TO THE ADN2855 THIS ASSUMES NO NOISE IS PRESENT AT THE INPUTS TO THE ADN2855 BETWEEN BURSTS. IF THIS IS THE CASE, THE RESET PULSE MUST BEASSERTED UNTIL THE TIME THAT THE INPUT DATA TO THE ADN2855 BECOMES VALID, IDEALLY JUST PRIOR TO THE START OF THE PREAMBLE. THERE IS NO REQUIREMENT THAT FOLLOWING THE DEASSERTION OF THE RESET SIGNAL THE ADN2855 MUST SEE AT LEAST 13 BITS OF THE PREAMBLE. Figure 8. Reset Timing Options |