Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC14CVMDECTSF02T Fiches technique(PDF) 12 Page - Dialog Semiconductor

No de pièce SC14CVMDECTSF02T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF02T Fiches technique(HTML) 12 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF02T Datasheet HTML 8Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 9Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 10Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 11Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 12Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 13Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 14Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 15Page - Dialog Semiconductor SC14CVMDECTSF02T Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
12 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
3.6 VOICE COMMUNICATION
An FP supports up to 64 registered PPs, where 4 of
these PPs can be in a call at the same time. Multiple
simultaneous calls are supported. Supported voice
codec is G.726 (32 kbit/s ADPCM) and G.722 (64 kbit/s
ADPCM). See Figure 5.
3.7 LIGHT DATA APPLICATION
The SC14CVMDECT SF supports Low Data Rate
(LDR) transmission up to 1.6 kbit/s with IWU to IWU
messaging. The LDR can be used in combination with
voice communication. See Figure 5.
3.8 LU10 DATA APPLICATION
The SC14CVMDECT SF supports CAT-iq LU10 data
transmission up to 54 kbit/s. Since LU10 data commu-
nication uses the B-Field it cannot be used in combina-
tion with voice communication. See Figure 6.
Figure 5: Voice and LDR data communication
G.726 + 1.6 kbit/s
G.722 + 1.6 kbit/s
SC14CVMDECT
SC14CVMDECT
SC14CVMDECT
PP
FP
PP
Figure 6: LU10 data application
G.722 + 1.6kbit/s
54 kbit/s
SC14CVMDECT
SC14CVMDECT
SC14CVMDECT
PP
FP
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57