Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2GPIO Fiches technique(PDF) 5 Page - Maxim Integrated Products

No de pièce USB2GPIO
Description  Pmod-Compatible Form Factor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MAXIM [Maxim Integrated Products]
Site Internet  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2GPIO Fiches technique(HTML) 5 Page - Maxim Integrated Products

  USB2GPIO Datasheet HTML 1Page - Maxim Integrated Products USB2GPIO Datasheet HTML 2Page - Maxim Integrated Products USB2GPIO Datasheet HTML 3Page - Maxim Integrated Products USB2GPIO Datasheet HTML 4Page - Maxim Integrated Products USB2GPIO Datasheet HTML 5Page - Maxim Integrated Products USB2GPIO Datasheet HTML 6Page - Maxim Integrated Products USB2GPIO Datasheet HTML 7Page - Maxim Integrated Products USB2GPIO Datasheet HTML 8Page - Maxim Integrated Products USB2GPIO Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: USB2GPIO
USB2GPIO# Adapter Board
Figure 6 shows the top view of the USB2GPIO# board,
with the different connectors and the pin 1 identifiers.
Note that there are no jumpers or shunts on this
board, all configuration is done under software control.
Care should be taken to only insert the boards in the
correct way as the connectors are not keyed to avoid false
insertions—reversing the connections (by turning the
Pmod board upside down, for example) may result in
damage to the USB2GPIO# or the companion board. Two
LEDs are included to indicate if the X3 Pmod connector is
configured as SPI or I2C.
Figure 6. USB2GPIO# Orientation and Pinouts
#Denotes RoHS compliant.
Ordering Information
PART
TYPE
USB2GPIO#
Adapter Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11