| Moteur de recherche de fiches techniques de composants électroniques |
|
SFH2713 Fiches technique(PDF) 12 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
SFH2713 Fiches technique(HTML) 12 Page - OSRAM GmbH |
|
12 / 16 page ![]() SFH 2713 12 Version 1.0 | 2020-04-09 Notes Subcomponents of this device contain, in addition to other substances, metal filled materials including silver. Metal filled materials can be affected by environments that contain traces of aggressive substances. There- fore, we recommend that customers minimize device exposure to aggressive substances during storage, production, and use. Devices that showed visible discoloration when tested using the described tests above did show no performance deviations within failure limits during the stated test duration. Respective failure limits are described in the IEC60810. For further application related information please visit www.osram-os.com/appnotes |