| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS525-01RT Fiches technique(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS525-01RT Fiches technique(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 9 page ![]() User Configurable Clock MDS 525-01/02/11/12 Q 9 Revision 101105 Integrated Circuit Systems, Inc. ● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com ICS525-01/02/11/12 Ordering Information Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or critical medical instruments Part / Order Number Marking Shipping Packaging Package Temperature ICS525-01R ICS525-01R Tubes 28-pin SSOP 0 to +70 °C ICS525-01RT ICS525-01R Tape and Reel 28-pin SSOP 0 to +70 °C ICS525-01RLF ICS525-01RLF Tubes 28-pin SSOP 0 to +70 °C ICS525-01RLFT ICS525-01RLF Tape and Reel 28-pin SSOP 0 to +70 °C ICS525-01RI ICS525-01RI Tubes 28-pin SSOP -40 to +85 °C ICS525-01RIT ICS525-01RI Tape and Reel 28-pin SSOP -40 to +85 °C ICS525-01RILF ICS525-01RILF Tubes 28-pin SSOP -40 to +85 °C ICS525-01RILFT ICS525-01RILF Tape and Reel 28-pin SSOP -40 to +85 °C ICS525R-02I ICS525R-02I Tubes 28-pin SSOP -40 to +85 °C ICS525R-02IT ICS525R-02I Tape and Reel 28-pin SSOP -40 to +85 °C ICS525R-02ILF ICS525R-02ILF Tubes 28-pin SSOP -40 to +85 °C ICS525R-02ILFT ICS525R-02ILF Tape and Reel 28-pin SSOP -40 to +85 °C ICS525R-11 ICS525R-11 Tubes 28-pin SSOP 0 to +70 °C ICS525R-11T ICS525R-11 Tape and Reel 28-pin SSOP 0 to +70 °C ICS525R-11LF ICS525R-11LF Tubes 28-pin SSOP 0 to +70 °C ICS525R-11LFT ICS525R-11LF Tape and Reel 28-pin SSOP 0 to +70 °C ICS525RI-11 ICS525RI-11 Tubes 28-pin SSOP -40 to +85 °C ICS525RI-11T ICS525RI-11 Tape and Reel 28-pin SSOP -40 to +85 °C ICS525RI-11LF ICS525RI-11LF Tubes 28-pin SSOP -40 to +85 °C ICS525RI-11LFT ICS525RI-11LF Tape and Reel 28-pin SSOP -40 to +85 °C ICS525RI-12 ICS525RI-12 Tubes 28-pin SSOP -40 to +85 °C ICS525RI-12T ICS525RI-12 Tape and Reel 28-pin SSOP -40 to +85 °C ICS525RI-12LF ICS525RI-12LF Tubes 28-pin SSOP -40 to +85 °C ICS525RI12LFT ICS525RI-12LF Tape and Reel 28-pin SSOP -40 to +85 °C |