Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC7441 Fiches technique(PDF) 24 Page - NXP Semiconductors

No de pièce MPC7441
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7441 Fiches technique(HTML) 24 Page - NXP Semiconductors

Back Button MPC7441 Datasheet HTML 20Page - NXP Semiconductors MPC7441 Datasheet HTML 21Page - NXP Semiconductors MPC7441 Datasheet HTML 22Page - NXP Semiconductors MPC7441 Datasheet HTML 23Page - NXP Semiconductors MPC7441 Datasheet HTML 24Page - NXP Semiconductors MPC7441 Datasheet HTML 25Page - NXP Semiconductors MPC7441 Datasheet HTML 26Page - NXP Semiconductors MPC7441 Datasheet HTML 27Page - NXP Semiconductors MPC7441 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5
24
Freescale Semiconductor
Pinout Listings
CLK_OUT
H2
High
Output
BVSEL
D[0:63]
R15, W15, T14, V16, W16, T15, U15, P14, V13, W13,
T13, P13, U14, W14, R12, T12, W12, V12, N11, N10,
R11, U11, W11, T11, R10, N9, P10, U10, R9, W10,
U9, V9, W5, U6, T5, U5, W7, R6, P7, V6, P17, R19,
V18, R18, V19, T19, U19, W19, U18, W17, W18, T16,
T18, T17, W3, V17, U4, U8, U7, R7, P6, R8, W8, T8
High
I/O
BVSEL
DBG
M2
Low
Input
BVSEL
DP[0:7]
T3, W4, T4, W9, M6, V3, N8, W6
High
I/O
BVSEL
DRDY
R3
Low
Output
BVSEL
7
DTI[0:3]
G1, K1, P1, N1
High
Input
BVSEL
8
EXT_QUAL
A11
High
Input
BVSEL
9
GBL
E2
Low
I/O
BVSEL
GND
B5, C3, D6, D13, E17, F3, G17, H4, H7, H9, H11, H13,
J6, J8, J10, J12, K7, K3, K9, K11, K13, L6, L8, L10,
L12, M4, M7, M9, M11, M13, N7, P3, P9, P12, R5,
R14, R17, T7, T10, U3, U13, U17, V5, V8, V11, V15
——
N/A
GND
A17, A19, B13, B16, B18, E12, E19, F13, F16, F18,
G19, H18, J14, L14, M15, M17, M19, N14, N16, P15,
P19
——
N/A
15
GND_SENSE
G12, N13
—
—
N/A
19
HIT
B2
Low
Output
BVSEL
7
HRESET
D8
Low
Input
BVSEL
INT
D4
Low
Input
BVSEL
L1_TSTCLK
G8
High
Input
BVSEL
9
L2_TSTCLK
B3
High
Input
BVSEL
10
NC (no connect)
A6, A14, A15, B14, B15, C14, C15, C16, C17, C18,
C19, D14, D15, D16, D17, D18, D19, E14, E15, F14,
F15, G14, G15, H15, H16, J15, J16, J17, J18, J19,
K15, K16, K17, K18, K19, L15, L16, L17, L18, L19
——
—
11
LSSD_MODE
E8
Low
Input
BVSEL
6, 12
MCP
C9
Low
Input
BVSEL
OVDD
B4, C2, C12, D5, F2, H3, J5, K2, L5, M3, N6, P2, P8,
P11, R4, R13, R16, T6, T9, U2, U12, U16, V4, V7,
V10, V14
——
N/A
OVDD_SENSE
E18, G18
—
—
N/A
16
PLL_CFG[0:4]
B8, C8, C7, D7, A7
High
Input
BVSEL
PMON_IN
D9
Low
Input
BVSEL
13
PMON_OUT
A9
Low
Output
BVSEL
Table 12. Pinout Listing for the MPC7447A, 360 HCTE Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56