| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC7445 Fiches technique(PDF) 24 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPC7445 Fiches technique(HTML) 24 Page - NXP Semiconductors |
|
24 / 56 page ![]() MPC7447A RISC Microprocessor Hardware Specifications, Rev. 5 24 Freescale Semiconductor Pinout Listings CLK_OUT H2 High Output BVSEL D[0:63] R15, W15, T14, V16, W16, T15, U15, P14, V13, W13, T13, P13, U14, W14, R12, T12, W12, V12, N11, N10, R11, U11, W11, T11, R10, N9, P10, U10, R9, W10, U9, V9, W5, U6, T5, U5, W7, R6, P7, V6, P17, R19, V18, R18, V19, T19, U19, W19, U18, W17, W18, T16, T18, T17, W3, V17, U4, U8, U7, R7, P6, R8, W8, T8 High I/O BVSEL DBG M2 Low Input BVSEL DP[0:7] T3, W4, T4, W9, M6, V3, N8, W6 High I/O BVSEL DRDY R3 Low Output BVSEL 7 DTI[0:3] G1, K1, P1, N1 High Input BVSEL 8 EXT_QUAL A11 High Input BVSEL 9 GBL E2 Low I/O BVSEL GND B5, C3, D6, D13, E17, F3, G17, H4, H7, H9, H11, H13, J6, J8, J10, J12, K7, K3, K9, K11, K13, L6, L8, L10, L12, M4, M7, M9, M11, M13, N7, P3, P9, P12, R5, R14, R17, T7, T10, U3, U13, U17, V5, V8, V11, V15 —— N/A GND A17, A19, B13, B16, B18, E12, E19, F13, F16, F18, G19, H18, J14, L14, M15, M17, M19, N14, N16, P15, P19 —— N/A 15 GND_SENSE G12, N13 — — N/A 19 HIT B2 Low Output BVSEL 7 HRESET D8 Low Input BVSEL INT D4 Low Input BVSEL L1_TSTCLK G8 High Input BVSEL 9 L2_TSTCLK B3 High Input BVSEL 10 NC (no connect) A6, A14, A15, B14, B15, C14, C15, C16, C17, C18, C19, D14, D15, D16, D17, D18, D19, E14, E15, F14, F15, G14, G15, H15, H16, J15, J16, J17, J18, J19, K15, K16, K17, K18, K19, L15, L16, L17, L18, L19 —— — 11 LSSD_MODE E8 Low Input BVSEL 6, 12 MCP C9 Low Input BVSEL OVDD B4, C2, C12, D5, F2, H3, J5, K2, L5, M3, N6, P2, P8, P11, R4, R13, R16, T6, T9, U2, U12, U16, V4, V7, V10, V14 —— N/A OVDD_SENSE E18, G18 — — N/A 16 PLL_CFG[0:4] B8, C8, C7, D7, A7 High Input BVSEL PMON_IN D9 Low Input BVSEL 13 PMON_OUT A9 Low Output BVSEL Table 12. Pinout Listing for the MPC7447A, 360 HCTE Package (continued) Signal Name Pin Number Active I/O I/F Select1 Notes |