Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC866EC Fiches technique(PDF) 26 Page - NXP Semiconductors

No de pièce MPC866EC
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866EC Fiches technique(HTML) 26 Page - NXP Semiconductors

Back Button MPC866EC Datasheet HTML 22Page - NXP Semiconductors MPC866EC Datasheet HTML 23Page - NXP Semiconductors MPC866EC Datasheet HTML 24Page - NXP Semiconductors MPC866EC Datasheet HTML 25Page - NXP Semiconductors MPC866EC Datasheet HTML 26Page - NXP Semiconductors MPC866EC Datasheet HTML 27Page - NXP Semiconductors MPC866EC Datasheet HTML 28Page - NXP Semiconductors MPC866EC Datasheet HTML 29Page - NXP Semiconductors MPC866EC Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
26
Freescale Semiconductor
Bus Signal Timing
Figure 8 shows the timing for the synchronous active pull-up and open-drain output signals.
Figure 8. Synchronous Active Pull-Up Resistor and Open-Drain Output Signals Timing
Figure 9 shows the timing for the synchronous input signals.
Figure 9. Synchronous Input Signals Timing
CLKOUT
TS, BB
TA, BI
TEA
B13
B12
B11
B11a
B12a
B13a
B15
B14
CLKOUT
TA, BI
TEA, KR,
RETRY, CR
BB, BG, BR
B16
B17
B16a
B17a
B16b
B17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96