Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DA14AVDDECT Fiches technique(PDF) 24 Page - Dialog Semiconductor

No de pièce DA14AVDDECT
Description  The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14AVDDECT Fiches technique(HTML) 24 Page - Dialog Semiconductor

Back Button DA14AVDDECT Datasheet HTML 17Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 18Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 19Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 20Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 21Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 22Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 23Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 24Page - Dialog Semiconductor DA14AVDDECT Datasheet HTML 25Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
DA14AVDDECT SF01
DA14AVDDECT SF01 Datasheet
Datasheet
Revision 2.1
02-Jun-2020
CFR0011-120-00
24 of 25
© 2020 Dialog Semiconductor
Revision History
Revision
Date
Description
2.1
02-Jun-2020
Added supply current tables
2.0
14-May-2020
Preliminary datasheet
1.9
18-Sep-2019
Added 'P2.5' to I2C-DATA pin name
1.8
9-Sep-2019
Added reflow profile
Changed pin name I2C-DATA
Revised H2/J2 in figure 3 to correspond with table 1
Updated figure 9 to the latest EVK schematic snapshot
1.7
13-Aug-2019
Added text at LMA section
Corrected pin L4 in the pin diagram (1.6 was erroneously reverted to
GND), also corrected some pin naming typos
Added wording about SW supporting only mono whereas the HW
supports stereo
1.6
8-Aug-2019
Updated pin diagram and table (E11 = Vsupply and others)
Corrected B1 and D1 pin descriptions
1.5
6-Jun-2019
Changed pin L4 to NC, added comment about pin T1
1.4
19-Mar-2019
Updated POD
1.3
7-Mar-2019
Added keepout area drawing in ch9, changed pins H2, J2 to NC
1.2
20-Feb-2019
Updated package outline drawing; minor cosmetic edits
1.1
26-Nov-2018
Added package outline drawing
1.0
31-Oct-2018
First version of target datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25