Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATXP032 Fiches technique(PDF) 17 Page - Dialog Semiconductor

No de pièce ATXP032
Description  EcoXiP??High Performance Low-Power Octal Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP032 Fiches technique(HTML) 17 Page - Dialog Semiconductor

Back Button ATXP032 Datasheet HTML 13Page - Dialog Semiconductor ATXP032 Datasheet HTML 14Page - Dialog Semiconductor ATXP032 Datasheet HTML 15Page - Dialog Semiconductor ATXP032 Datasheet HTML 16Page - Dialog Semiconductor ATXP032 Datasheet HTML 17Page - Dialog Semiconductor ATXP032 Datasheet HTML 18Page - Dialog Semiconductor ATXP032 Datasheet HTML 19Page - Dialog Semiconductor ATXP032 Datasheet HTML 20Page - Dialog Semiconductor ATXP032 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
15
ATXP032
DS-ATXP032–114I–4-2020
To counter this problem, the SCK signal is returned as DS for read operations, providing a clock signal to the
master that is synchronous to the data coming from the memory device.
The DS signal is also available in all other modes.
Figure 6-5.
Dual Data Rate (DDR) Operation in Octal Mode — Read Operations
D5
D4
D1
D0
D6
D2
D7
D3
D5
D4
D1
D0
D6
D2
D7
D3
MSB
MSB
Output
Data
Byte1 Byte2
Dummy Cycles
A16 A8 A0
A17 A9 A1
A18 A10 A2
A19 A11 A3
A20 A12 A4
A21 A13 A5
A22 A14 A6
A23 A15 A7
A24
A25
A26
A27
A28
A29
A30
A31
Address
Bits A
31
-A
0
MSB
O5
O4
O1
O0
O6
O2
O7
O3
MSB
Opcode
2
1
0
n
I/O0
(SI)
SCK
I/O1
(SO)
I/O2
(WP)
I/O3
CS
I/O4
I/O5
I/O6
I/O7
DS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More