Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA661AS Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SMA661AS
Description  GPS HIGH GAIN LNA ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA661AS Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button SMA661AS Datasheet HTML 2Page - STMicroelectronics SMA661AS Datasheet HTML 3Page - STMicroelectronics SMA661AS Datasheet HTML 4Page - STMicroelectronics SMA661AS Datasheet HTML 5Page - STMicroelectronics SMA661AS Datasheet HTML 6Page - STMicroelectronics SMA661AS Datasheet HTML 7Page - STMicroelectronics SMA661AS Datasheet HTML 8Page - STMicroelectronics SMA661AS Datasheet HTML 9Page - STMicroelectronics SMA661AS Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SMA661AS
8/10
PACKAGE MECHANICAL
Table 6. SOT666 (Lead-Free) Package
Figure 16. SOT666 (Lead-Free) Package Dimensions
DIM.
mm.
MIN.
TYP
MAX.
A
0.53
0.57
0.60
A3
0.13
0.17
018
D
1.50
1.66
1.70
E
1.50
1.65
1.70
E1
1.10
1.20
1.30
L1
0.11
0.19
0.26
L2
0.10
0.23
0.30
L3
0.05
0.10
b
0.17
0.25
b1
0.27
0.34
e
0.50 Bsc
e1
0.20
θ
8o
10o
12o



Html Pages

1 2 3 4 5 6 7 8 9 10