Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL520-19SC Fiches technique(PDF) 7 Page - PhaseLink Corporation

No de pièce PLL520-19SC
Description  Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-19SC Fiches technique(HTML) 7 Page - PhaseLink Corporation

  PLL520-19SC Datasheet HTML 1Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 2Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 3Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 4Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 5Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 6Page - PhaseLink Corporation PLL520-19SC Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PLL520-17/-18/-19
Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 7
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL520-1x O C
Order Number
Marking
Package Option
PLL520-17OC
P520-17OC
TSSOP – Tube
PLL520-17OC-R
P520-17OC
TSSOP – Tape & Reel
PLL520-17SC
P520-17SC
SOIC – Tube
PLL520-17SC-R
P520-17SC
SOIC – Tape & Reel
PLL520-18OC
P520-18OC
TSSOP – Tube
PLL520-18OC-R
P520-18OC
TSSOP – Tape & Reel
PLL520-18SC
P520-18SC
SOIC – Tube
PLL520-18SC-R
P520-18SC
SOIC – Tape & Reel
PLL520-19OC
P520-19OC
TSSOP – Tube
PLL520-19OC-R
P520-19OC
TSSOP – Tape & Reel
PLL520-19SC
P520-19SC
SOIC – Tube
PLL520-19SC-R
P520-19SC
SOIC – Tape & Reel
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP S=SOIC



Html Pages

1 2 3 4 5 6 7