| Moteur de recherche de fiches techniques de composants électroniques |
|
SLG47105 Fiches technique(PDF) 92 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG47105 Fiches technique(HTML) 92 Page - Dialog Semiconductor |
|
92 / 253 page ![]() Datasheet 31-Aug-2021 CFR0011-120-00 Revision 3.4 92 of 253 © 2021 Dialog Semiconductor SLG47105 GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features Figure 57: 3-bit LUT5 or DFF8 DFF8 CLK D To Connection Matrix Input [10] 8-bits NVM From Connection Matrix Output [52] 1-bit NVM 3-bit LUT5 OUT IN1 IN2 IN0 From Connection Matrix Output [51] From Connection Matrix Output [50] registers [1247:1240] register [1263] Q/nQ register [1247] DFF or LATCH Select register [1246] Output Select (Q or nQ) register [1245] DFF Initial Polarity Select register [1244] DFF nRST or nSET Select register [1243] Active level selection for RST/ SET LUT Truth Table DFF/ LATCH S0 S1 S0 S1 S0 S1 S0 S1 nRST/nSET RST/SET |