| Moteur de recherche de fiches techniques de composants électroniques |
|
PLL520-17SC Fiches technique(PDF) 7 Page - PhaseLink Corporation |
|
|
|||||||||||||||||||||||||||||
PLL520-17SC Fiches technique(HTML) 7 Page - PhaseLink Corporation |
|
7 / 7 page ![]() PLL520-17/-18/-19 Low Phase Noise VCXO with multipliers (for 65-130MHz Fund Xtal) 47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 7 ORDERING INFORMATION PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation. For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Device number, Package type and Operating temperature range PLL520-1x O C Order Number Marking Package Option PLL520-17OC P520-17OC TSSOP – Tube PLL520-17OC-R P520-17OC TSSOP – Tape & Reel PLL520-17SC P520-17SC SOIC – Tube PLL520-17SC-R P520-17SC SOIC – Tape & Reel PLL520-18OC P520-18OC TSSOP – Tube PLL520-18OC-R P520-18OC TSSOP – Tape & Reel PLL520-18SC P520-18SC SOIC – Tube PLL520-18SC-R P520-18SC SOIC – Tape & Reel PLL520-19OC P520-19OC TSSOP – Tube PLL520-19OC-R P520-19OC TSSOP – Tape & Reel PLL520-19SC P520-19SC SOIC – Tube PLL520-19SC-R P520-19SC SOIC – Tape & Reel PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRAL PACKAGE TYPE O=TSSOP S=SOIC |