| Moteur de recherche de fiches techniques de composants électroniques |
|
SC14WAMDECT Fiches technique(PDF) 9 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECT Fiches technique(HTML) 9 Page - Dialog Semiconductor |
|
9 / 36 page ![]() Datasheet Revision 3.0 23-Jul-2015 CFR0011-120-00-FM Rev 5 9 of 36 © 2013 Dialog Semiconductor SC14WAMDECT SF Wireless Audio Module FINAL 3.3 LOUDSPEAKER CONFIGURATION For a loudspeaker configuration the SC14WAMDECT SF module requires the external components listed in Table 4. Figure 3 shows the use of the module in a typical loud- speaker configuration. This SPEAKER configuration can be used for the FP of a Public Address System and for the PP of a Tour Guide System. Table 4: Loudspeaker configuration overview Item Supported Remark Battery Yes 2 NiMH or standard Alkaline cells. Loudspeaker Yes Connect to pins LSRp and LSRn (differential). Keys Yes Connect to pins CHG_DET/PON, VOL_UP/MUTE and VOL_DN. LEDs Yes PA mode: Connect to pins LED_RED1, LED_RED2 and LED_GRN. TG mode: Connect to pins LED_RED1 and LED_GRN. Figure 3: SPEAKER configuration SC14WAMDECT SF Keys LEDs Loudspeaker Battery |