Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL500-37BSC-R Fiches technique(PDF) 5 Page - PhaseLink Corporation

No de pièce PLL500-37BSC-R
Description  Low Power CMOS Output VCXO Family (27MHz to 200MHz)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL500-37BSC-R Fiches technique(HTML) 5 Page - PhaseLink Corporation

  PLL500-37BSC-R Datasheet HTML 1Page - PhaseLink Corporation PLL500-37BSC-R Datasheet HTML 2Page - PhaseLink Corporation PLL500-37BSC-R Datasheet HTML 3Page - PhaseLink Corporation PLL500-37BSC-R Datasheet HTML 4Page - PhaseLink Corporation PLL500-37BSC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL500-27B/-37B/-47B
Low Power CMOS Output VCXO Family (27MHz to 200MHz)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 09/13/04 Page 5
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
C
L
A
8 PIN ( dimensions in mm )
Narrow SOIC
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
E
H
D
A
1
e
B
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
Order Number
Marking
Package Option
PLL500-27BSC
P500-27B SC
8-Pin SOIC (Tube)
PLL500-27BSC-R
P500-27B SC
8-Pin SOIC (Tape and Reel)
PLL500-27BDC
P500-27B DC
Die (Waffle Pack)
PLL500-37BSC
P500-37B SC
8-Pin SOIC (Tube)
PLL500-37BSC-R
P500-37B SC
8-Pin SOIC (Tape and Reel)
PLL500-37BDC
P500-37B DC
Die (Waffle Pack)
PLL500-47BSC
P500-47B SC
8-Pin SOIC (Tube)
PLL500-47BSC-R
P500-47B SC
8-Pin SOIC (Tape and Reel)
PLL500-47BDC
P500-47B DC
Die (Waffle Pack)



Html Pages

1 2 3 4 5