Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL502-12SSC Fiches technique(PDF) 4 Page - PhaseLink Corporation

No de pièce PLL502-12SSC
Description  96MHz - 200MHz Low Phase Noise LVDS VCXO (12 - 25MHz Crystals)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL502-12SSC Fiches technique(HTML) 4 Page - PhaseLink Corporation

  PLL502-12SSC Datasheet HTML 1Page - PhaseLink Corporation PLL502-12SSC Datasheet HTML 2Page - PhaseLink Corporation PLL502-12SSC Datasheet HTML 3Page - PhaseLink Corporation PLL502-12SSC Datasheet HTML 4Page - PhaseLink Corporation PLL502-12SSC Datasheet HTML 5Page - PhaseLink Corporation PLL502-12SSC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary
PLL502-12
96MHz – 200MHz Low Phase Noise LVDS VCXO (12 – 25MHz Crystals)
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 7/15/02 Page 4
5. Jitter and Phase Noise specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS at 155MHz
With capacitive decoupling
between VDD and GND.
9
ps
Accumulated jitter RMS at
155MHz
With capacitive decoupling
between VDD and GND. Over
10,000 cycles.
TBM
ps
Integrated jitter RMS at 155MHz
Integrated 12 kHz to 20 MHz
3
4
ps
Phase Noise relative to carrier
155MHz @10Hz offset
-60
dBc/Hz
Phase Noise relative to carrier
155MHz @100Hz offset
-90
dBc/Hz
Phase Noise relative to carrier
155MHz @1kHz offset
-112
dBc/Hz
Phase Noise relative to carrier
155MHz @10kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
155MHz @100kHz offset
-123
dBc/Hz
Note: Phase Noise measured at VIN = 0V
6. LVDS Electrical Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Differential Voltage
VOD
247
355
454
mV
VDD Magnitude Change
∆VOD
-50
50
mV
Output High Voltage
VOH
1.4
1.6
V
Output Low Voltage
VOL
0.9
1.1
V
Offset Voltage
VOS
1.125
1.2
1.375
V
Offset Magnitude Change
∆VOS
RL = 100
Ω
(see figure)
0
3
25
mV
Power-off Leakage
IOXD
Vout = VDD or GND
VDD = 0V
±1
±10
uA
Output Short Circuit Current
IOSD
-5.7
-8
mA



Html Pages

1 2 3 4 5 6