Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL130-08QC-R Fiches technique(PDF) 5 Page - PhaseLink Corporation

No de pièce PLL130-08QC-R
Description  High Speed Translator Buffer to PECL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL130-08QC-R Fiches technique(HTML) 5 Page - PhaseLink Corporation

  PLL130-08QC-R Datasheet HTML 1Page - PhaseLink Corporation PLL130-08QC-R Datasheet HTML 2Page - PhaseLink Corporation PLL130-08QC-R Datasheet HTML 3Page - PhaseLink Corporation PLL130-08QC-R Datasheet HTML 4Page - PhaseLink Corporation PLL130-08QC-R Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PLL130-08
High Speed Translator Buffer to PECL
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/09/04 Page 5
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information fur-
nished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the ex-
press written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL130-08 S C
Order Number
Marking
Package Option
PLL130-08QC-R
P130-08QC
QFN - Tape and Reel
PLL130-08QC
P130-08QC
QFN - Tube
PLL130-08SC-R
P130-08SC
SOIC - Tape and Reel
PLL130-08SC
P130-08SC
SOIC - Tube
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
S=SOIC; Q=QFN



Html Pages

1 2 3 4 5