Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL701-25SCR Fiches technique(PDF) 4 Page - PhaseLink Corporation

No de pièce PLL701-25SCR
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL701-25SCR Fiches technique(HTML) 4 Page - PhaseLink Corporation

  PLL701-25SCR Datasheet HTML 1Page - PhaseLink Corporation PLL701-25SCR Datasheet HTML 2Page - PhaseLink Corporation PLL701-25SCR Datasheet HTML 3Page - PhaseLink Corporation PLL701-25SCR Datasheet HTML 4Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PLL701-25
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 12/02/05 Page 4
PACKAGE INFORMATION
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL701-25 S C X X
Part / Order Number
Marking
Package Option
Temperature
PLL701-25SC-R
P701-25SC
SOIC -Tape and Reel
0 to +70゚C
PLL701-25SC
P701-25SC
SOIC –Tube
0 to +70゚C
PLL701-25SCL-R
P702-25SCL
SOIC -Tape and Reel (GREEEN)
0 to +70゚C
PLL701-25SCL
P702-25SCL
SOIC –Tubes (GREEN)
0 to +70゚C
C
L
A
8 PIN Narrow SOIC ( mm )
SOIC
Symbol
Min.
Max.
A
1.47
1.73
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
4.95
E
3.80
4.00
H
5.80
6.20
L
0.38
1.27
e
1.27 BSC
E
H
D
A1
e
B
PART NUMBER
TEMPERATURE
C=COMMERCIAL,
I=INDUSTRIAL
PACKAGE TYPE
S=SOIC
NONE= TUBE
R=TAPE AND REEL
NONE=NORMAL PACKAGE
L=GREEN PACKAGE



Html Pages

1 2 3 4