Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P701-17SC Fiches technique(PDF) 4 Page - PhaseLink Corporation

No de pièce P701-17SC
Description  Low EMI Spread Spectrum Multiplier Clock
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

P701-17SC Fiches technique(HTML) 4 Page - PhaseLink Corporation

  P701-17SC Datasheet HTML 1Page - PhaseLink Corporation P701-17SC Datasheet HTML 2Page - PhaseLink Corporation P701-17SC Datasheet HTML 3Page - PhaseLink Corporation P701-17SC Datasheet HTML 4Page - PhaseLink Corporation P701-17SC Datasheet HTML 5Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PLL701-17
Low EMI Spread Spectrum Multiplier Clock
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 01/17/06 Page 4
FUNCTIONAL DESCRIPTION
Selectable spread spectrum and modulation frequency and magnitude
The PLL701-17 provides selectable spread spectrum modulation frequency, as well as selectable modulation
magnitude. Selection is made by connecting pins 2 (S2), 3 (S1), 4 (S0), and 7 (S3) to a logical “zero” or “one”,
according to the output clock selection table on (page 1).
Default values for S(0:3) through internal pull-up and pull-down resistor
Selection pins 4 and 7 (S0 and S3) have an internal pull-down resistor of 30k
Ω while pins 2 and 3 (S1 and S2)
have an internal pull-up resistor of 30k
Ω. This internal pull-down (or pull-up) resistor will pull the input value to a
logical “zero” (or “one” respectively) by default, i.e. when no connection is made between the pin and VDD (GND
respectively). In order to override the internal pull-down (pull-up), the pin has to be connected to VDD (GND
respectively).



Html Pages

1 2 3 4 5