| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8553 Fiches technique(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8553 Fiches technique(HTML) 13 Page - NXP Semiconductors |
|
13 / 51 page ![]() NXP Semiconductors PCF8553 40 × 4 LCD segment driver 8 Possible display configurations The possible display configurations of the PCF8553 depend on the number of active backplane outputs required. A selection of display configurations is shown in Table 10. All of these configurations can be implemented in the typical systems shown in Figure 7 or Figure 8. 7-segment with dot 14-segment with dot and accent 013aaa312 dot matrix Figure 6. Example of displays suitable for PCF8553 Number of Digits/Characters Backplanes Icons 7-segment[1] 14-segment[2] Dot matrix: segments/ elements 4 160 20 10 160 dots (4 × 40) 3 120 15 7 120 (3 × 40) 2 80 10 5 80 dots (2 × 40) 1 40 5 2 40 dots (1 × 40) Table 10. Selection of possible display configurations [1] 7 segment display has 8 segments/elements including the decimal point. [2] 14 segment display has 16 segments/elements including decimal point and accent dot. PCF8553 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 4 — 20 April 2021 13 / 51 |