Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PLL520-29OC-R Fiches technique(PDF) 7 Page - PhaseLink Corporation

No de pièce PLL520-29OC-R
Description  Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL520-29OC-R Fiches technique(HTML) 7 Page - PhaseLink Corporation

  PLL520-29OC-R Datasheet HTML 1Page - PhaseLink Corporation PLL520-29OC-R Datasheet HTML 2Page - PhaseLink Corporation PLL520-29OC-R Datasheet HTML 3Page - PhaseLink Corporation PLL520-29OC-R Datasheet HTML 4Page - PhaseLink Corporation PLL520-29OC-R Datasheet HTML 5Page - PhaseLink Corporation PLL520-29OC-R Datasheet HTML 6Page - PhaseLink Corporation PLL520-29OC-R Datasheet HTML 7Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PLL520-28/-29
Low Phase Noise VCXO (for 120-200MHz Fund Xtal)
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 7
ORDERING INFORMATION
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: PhaseLink’s products are not authorized for use as critical components in life support devices or systems without the
express written approval of the President of PhaseLink Corporation.
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA
Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
PLL520-2x O C
Order Number
Marking
Package Option
PLL520-28OC
P520-28OC
TSSOP - Tube
PLL520-28OC-R
P520-28OC
TSSOP - Tape & Reel
PLL520-28QC
P520-28QC
QFN - Tube
PLL520-28QC-R
P520-28QC
QFN - Tape & Reel
PLL520-29OC
P520-29OC
TSSOP - Tube
PLL520-29OC-R
P520-29OC
TSSOP - Tape & Reel
PLL520-29QC
P520-29QC
QFN - Tube
PLL520-29QC-R
P520-29QC
QFN - Tape & Reel
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP Q=QFN



Html Pages

1 2 3 4 5 6 7