Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT25SL641 Fiches technique(PDF) 62 Page - Dialog Semiconductor

No de pièce AT25SL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL641 Fiches technique(HTML) 62 Page - Dialog Semiconductor

Back Button AT25SL641 Datasheet HTML 58Page - Dialog Semiconductor AT25SL641 Datasheet HTML 59Page - Dialog Semiconductor AT25SL641 Datasheet HTML 60Page - Dialog Semiconductor AT25SL641 Datasheet HTML 61Page - Dialog Semiconductor AT25SL641 Datasheet HTML 62Page - Dialog Semiconductor AT25SL641 Datasheet HTML 63Page - Dialog Semiconductor AT25SL641 Datasheet HTML 64Page - Dialog Semiconductor AT25SL641 Datasheet HTML 65Page - Dialog Semiconductor AT25SL641 Datasheet HTML 66Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
61
AT25SL641
DS-25SL641–113F–12/2018
Figure 7-58. Read Security Register Instruction (SPI Mode)
Figure 7-59. Read Security Register Instruction (QPI Mode)
7.39
Write Security Register (2Fh)
The Write Security Register instruction is for changing the values of Security Register bits. Unlike the Write Status
Register, the Write Enable instruction is not required before executing the Write Security Register instruction. The Write
Security Register instruction may change the value of bit 1 (LDSO) for customer to lock-down the 4 Kbit Secured OTP
area. Once the LDSO bit is set, the Secured OTP area can no longer be updated.
The CS must go high exactly at the boundary; otherwise, the instruction is rejected and not executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76