Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT25SL321 Fiches technique(PDF) 49 Page - Dialog Semiconductor

No de pièce AT25SL321
Description  32-Mbit, 1.7 V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25SL321 Fiches technique(HTML) 49 Page - Dialog Semiconductor

Back Button AT25SL321 Datasheet HTML 45Page - Dialog Semiconductor AT25SL321 Datasheet HTML 46Page - Dialog Semiconductor AT25SL321 Datasheet HTML 47Page - Dialog Semiconductor AT25SL321 Datasheet HTML 48Page - Dialog Semiconductor AT25SL321 Datasheet HTML 49Page - Dialog Semiconductor AT25SL321 Datasheet HTML 50Page - Dialog Semiconductor AT25SL321 Datasheet HTML 51Page - Dialog Semiconductor AT25SL321 Datasheet HTML 52Page - Dialog Semiconductor AT25SL321 Datasheet HTML 53Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
48
AT25SL321
DS-25SL321–112H–2020-10
8.28 JEDEC ID (9Fh)
For compatibility reasons, the AT25SL321 provides several instructions to electronically determine the identity of
the device. The Read JEDEC ID instruction is congruous with the JEDEC standard for SPI compatible serial flash
memories that was adopted in 2003. The instruction is entered by driving the CS pin low with following the
instruction code 9Fh. JEDEC assigned Manufacturer ID byte for Adesto (1Fh) and two Device ID bytes, Memory
Type (ID15-ID8) and Capacity (ID7-ID0) are then shifted out on the falling edge of SCK with most significant bit
(MSB) first shown in Figure 8-46 and Figure 8-47. For memory type and capacity values, see Manufacturer and
Device Identification Table 8-1. The JEDEC ID can be read continuously. The instruction is terminated by driving
CS high.
Figure 8-46. Read JEDEC ID Instruction (SPI Mode)
Figure 8-47. Read JEDEC ID Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82