| Moteur de recherche de fiches techniques de composants électroniques |
|
OMT200-R100-2EP-IO Fiches technique(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OMT200-R100-2EP-IO Fiches technique(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 4 page ![]() Germany: +49 621 776 4411 Pepperl+Fuchs Group Refer to “General Notes Relating to Pepperl+Fuchs Product Information”. USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com 1 Distance sensor OMT200-R100-2EP-IO Dimensions Electrical connection Indicators/operating means 21.5 11 8.7 M3 (2x) 3.2 14.5 3.3 Emitter Receiver 1 L+ 4 2 3 Q2 C/Q L- 1 Teach-in button 2 Mode rotary switch 3 Switch output indicator Q2 4 Switch output indicator Q1 5 Operating indicator I Switch output 1 / switch point B II Switch output 1 / switch point A III Switch output 2 / switch point A IV Switch output 2 / B V Keylock 3 4 5 1 2 I II III IV V Model Number OMT200-R100-2EP-IO Distance sensor with fixed cable Features • Miniature design with versatile mounting options • Space-saving distance sensors in small standardized design • Multi Pixel Technology (MPT) - exact and precise signal evaluation • IO-link interface for service and process data Product information The R100 series miniature optical sensors are the first devices of their kind to offer an end-to-end solution in a small single standard design — from thru-beam sensor through to a distance measurement device. As a result of this design, the sensors are able to perform practically all standard automation tasks. The entire series enables sensors to communicate via IO-Link. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor. The use of Multi Pixel Technology gives the standard sensors a high level of flexibility and enables them to adapt more effectively to their operating environment. |
Numéro de pièce similaire - OMT200-R100-2EP-IO |
|
Description similaire - OMT200-R100-2EP-IO |