Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT25QL641 Fiches technique(PDF) 7 Page - Dialog Semiconductor

No de pièce AT25QL641
Description  64-Mbit, 1.7V Minimum SPI Serial Flash Memory with Dual I/O, Quad I/O and QPI Support
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALOG [Dialog Semiconductor]
Site Internet  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25QL641 Fiches technique(HTML) 7 Page - Dialog Semiconductor

Back Button AT25QL641 Datasheet HTML 3Page - Dialog Semiconductor AT25QL641 Datasheet HTML 4Page - Dialog Semiconductor AT25QL641 Datasheet HTML 5Page - Dialog Semiconductor AT25QL641 Datasheet HTML 6Page - Dialog Semiconductor AT25QL641 Datasheet HTML 7Page - Dialog Semiconductor AT25QL641 Datasheet HTML 8Page - Dialog Semiconductor AT25QL641 Datasheet HTML 9Page - Dialog Semiconductor AT25QL641 Datasheet HTML 10Page - Dialog Semiconductor AT25QL641 Datasheet HTML 11Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
6
AT25QL641
DS-25QL641–130E–10/2018
2.
Block Diagram
Figure 2-1 shows a block diagram of the AT25QL641 serial Flash.
Figure 2-1.
AT25QL641 Block Diagram
Flash
Memory
Array
Y-Gating
CS
SCK
Note: I/O3-0 pin naming convention is used for Dual-I/O and Quad-I/O commands.
* Hardware-controlled RESET available ONLY on packages with greater than eight pins.
SO (I/O1)
SI (I/O0)
Y-Decoder
X-Decoder
I/O Buffers
and Latches
Control and
Protection Logic
SRAM
Data Buffer
WP (I/O2,
ACC)
Interface
Control
And
Logic
HOLD
(I/O3)
RESET*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77