| Moteur de recherche de fiches techniques de composants électroniques |
|
AT25PE20 Fiches technique(PDF) 52 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
AT25PE20 Fiches technique(HTML) 52 Page - Dialog Semiconductor |
|
52 / 64 page ![]() 51 AT25PE20 DS-25PE20–139C–8/2018 Figure 24-3. Main Memory Page to Buffer Transfer Data From the selected Flash Page is read into the Buffer Figure 24-4. Buffer Read CS SI (Input) CMD PA6-0, X XXXX XXXX Starts Reading Page Data into Buffer Default Page Size A17-A8 + 8 Dummy Bits SO (Output) X...X, PA9-7 CS SI (Input) SO (Output) n CMD X X...X, BFA8 BFA7-0 X Address for Default Page Size 16 Dummy Bits + BFA7-BFA0 n n + 1 No Dummy Byte (opcode D1h) 1 Dummy Byte (opcode D4h) Each transition represents eight bits |