Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL680-38QC-R Fiches technique(PDF) 9 Page - PhaseLink Corporation

No de pièce PL680-38QC-R
Description  38-640MHz Low Phase Noise XO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PLL [PhaseLink Corporation]
Site Internet  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL680-38QC-R Fiches technique(HTML) 9 Page - PhaseLink Corporation

Back Button PL680-38QC-R Datasheet HTML 2Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 3Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 4Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 5Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 6Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 7Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 8Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 9Page - PhaseLink Corporation PL680-38QC-R Datasheet HTML 10Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(Preliminary)
PL680-37/38/39
38-640MHz Low Phase Noise XO
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 11/28/05 Page 9
PACKAGE INFORMATION
16-PIN SSOP
C
L
A
EH
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A
-
1.20
A1
0.05
0.15
B0.19
0.30
C0.09
0.20
D4.90
5.10
E4.30
4.50
H
6.40 BSC
L0.45
0.75
e
0.65 BSC
16-PIN 3x3 QFN



Html Pages

1 2 3 4 5 6 7 8 9 10